PART |
Description |
Maker |
0190840006 SRZ-4129-10 190840006 |
Open Barrel Star Ring , Tin-Plated Brass, for 14-18 AWG Wire Range, Stud Size 10(M5) MOLEX Connector
|
Molex Electronics Ltd.
|
0190840007 SRZ-S-4129-06 190840007 |
Open Barrel Star Ring , Tin-Plated Steel, for 14-18 AWG Wire Range, Stud Size 6 MOLEX Connector
|
Molex Electronics Ltd.
|
P2-14R-X P12-38HDR-L |
Heavy duty ring tongue, 16-12 American wire gauge, 600 V, copper, tin plating, 1.04 in. length, barrel type, non insulated COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
P22-4R-M P22-2R P22-8R P22-6R P22-10R P22-4R-C |
COPPER ALLOY, TIN FINISH, RING TERMINAL #26-22 BARREL NON-INSULATED RING TONGUE
|
Panduit, Corp. PANDUIT CORP.
|
0190840008 SRZ-S-4129-08 190840008 SD-19084-001 |
Open Barrel Star Ring MOLEX Connector
|
Molex Electronics Ltd.
|
0192210403 192210403 BCL-4012 |
Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 1/2", Un-Plated, Barrel Length 19.05mm (.750") Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 1/2, Un-Plated, Barrel Length 19.05mm (.750)
|
Molex Electronics Ltd.
|
BCL-4012-PL 0192210251 |
Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 1/2, Plated,Barrel Length 19.05mm (.750)
|
Molex Electronics Ltd.
|
0193180312 193180312 |
VersaKrimp SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 1/2
|
Molex Electronics Ltd.
|
193171024 0193171024 |
VersaKrimp SL Ring Type Connectors, Tin Plated Copper, Wire Size250MCM-300MCM, 5/16 VersaKrimp?SL Ring Type Connectors, Tin Plated Copper, Wire Size250MCM-300MCM, 5/16
|
Molex Electronics Ltd.
|
0193174112 |
VersaKrimp SL Ring Type Connectors, Tin Plated Copper, Wire Size500MCM-600MCM, 1/2 Stud Size
|
Molex Electronics Ltd.
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
0903270388 90327-0326 |
1.27mm (.050) Pitch Picoflex? PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option B
|
Molex Electronics Ltd.
|
|